công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN2834 bảng dữ liệu(PDF) 42 Page - STMicroelectronics

tên linh kiện AN2834
Giải thích chi tiết về linh kiện  How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2834 bảng dữ liệu(HTML) 42 Page - STMicroelectronics

Back Button AN2834 Datasheet HTML 37Page - STMicroelectronics AN2834 Datasheet HTML 38Page - STMicroelectronics AN2834 Datasheet HTML 39Page - STMicroelectronics AN2834 Datasheet HTML 40Page - STMicroelectronics AN2834 Datasheet HTML 41Page - STMicroelectronics AN2834 Datasheet HTML 42Page - STMicroelectronics AN2834 Datasheet HTML 43Page - STMicroelectronics AN2834 Datasheet HTML 44Page - STMicroelectronics AN2834 Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
How to get the best ADC accuracy
AN2834
42/45
DocID15067 Rev 2
Internal charging of sampling capacitor
It is possible that after the conversion process (successive approximation process in SAR
type of ADC) the sample and hold capacitor Csh is charged to some voltage. The reason
can be:
some leakage current to Csh (parasitic current inside ADC structure, see Figure 39)
residual charge transfer from the switches when ADC structure is switched back to
default state before next conversion
other reasons (related to internal ADC parasitic structures)
Figure 39. Parasitic current example inside ADC structure
Csh
S1
Rparasitic
ADC input
ai17911



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45