| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2834 bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2834 bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 45 page ![]() DocID15067 Rev 2 17/45 AN2834 ADC errors 44 Figure 15. Analog signal source resistance effect 1. tc is the time taken by the CADC capacitor to fully charge: Vc = VAIN (with max.1/2 lsb error) Vc: capacitor (CADC) voltage tc = (RADC + RAIN) × CADC 2.2.7 Effect of source capacitance and parasitic capacitance of the PCB When converting analog signals, it is necessary to account for the capacitance at the source and the parasitic capacitance seen on the analog input pin (refer to Figure 16). The source resistance and capacitance form an RC network and the ADC conversion results may not be accurate unless the external capacitor (CAIN + Cp) is fully charged to the level of the input voltage. The greater value of (CAIN + Cp), the more limited the source frequency. The external capacitance at the source and the parasitic capacitance are denoted by CAIN and Cp, respectively. Figure 16. Analog input with RAIN, CAIN and Cp STM32 RADC CADC VSSA AINx RAIN VAIN Vc VAIN Vc tc t 12-bit ADC ai15482 STM32 AINx RAIN VAIN ai15483 CAIN CP Source |