| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2834 bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2834 bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 45 page ![]() ADC errors AN2834 18/45 DocID15067 Rev 2 2.2.8 Injection current effect A negative injection current on any analog pin (or a closely positioned digital input pin) may introduce leakage current into the ADC input. The worst case is the adjacent analog channel. A negative injection current is introduced when VAIN < VSS, causing current to flow out from the I/O pin. This is illustrated in Figure 17. Figure 17. Effect of injection current 2.2.9 Temperature influence The temperature has a major influence on ADC accuracy. Mainly it leads to two major errors: offset error drift and gain error drift. Those errors can be compensated in the microcontroller firmware (refer to Section 3.2.8 for the temperature-compensation methods). 2.2.10 I/O pin crosstalk Switching the I/Os may induce some noise in the analog input of the ADC due to capacitive coupling between I/Os. Crosstalk may be introduced by PCB tracks that run close to each other or that cross each other. Internally switching digital signals and I/Os introduces high-frequency noise. Switching high- sink I/Os may induce some voltage dips in the power supply caused by current surges. A digital track that crosses an analog input track on the PCB may affect the analog signal (see Figure 18). Figure 18. Crosstalk between I/O pins Case 1: Digital and analog signal tracks that pass close to each other. Case 2: Digital and analog signal tracks that cross each other on a different PCB side. STM32 Injection current leakage current AIN0 VAIN0 RAIN0 AIN1 VAIN < VSS VSSA ai15484 Analog in Digital I/O Case 1 Case 2 Analog in Digital I/O STM32 STM32 ai15485 |