| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2633 bảng dữ liệu(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2633 bảng dữ liệu(HTML) 34 Page - STMicroelectronics |
|
34 / 48 page ![]() Operating measurements AN2633 34/48 3.2 Software provided with this application note 3.2.1 Source files This program provided with this application note for testing the different low power modes include the following source files: 3.2.2 Hardware environment 1. Connect two LEDs to P9.0 and P9.1 pins (LD2 and LD3 respectively on STR91x-EVAL Board). 2. Connect a push-button to P7.4 pin (Button PB3 on STR91x-EVAL Board). 3. Connect a push-button to P6.0 pin 4. Connect a push-button to P5.0 pin 5. Connect a push-button to P3.2 pin 6. Connect a null-modem female/female RS232 cable between the DB9 connector and PC serial port. 7. Connect a battery. 3.2.3 How to use the project In order to make the program work, you must do the following: 1. Create a project and setup all your toolchain start-up files 2. Compile the directory content files and required library files: 91x_lib.c 91x_scu.c 91x_fmi.c 91x_gpio.c 91x_rtc.c 91x_uart.c 91x_vic.c 91x_wdg.c 91x_wiu.c 3. Link all compiled files and load your image into Flash 4. Run the project. Table 17. List of source files Files Description 91x_lpmode.c Routines for entering the different power modes and clock management main.c Test software for testing power modes 91x_it.c Interrupt service routines |