| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2633 bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2633 bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 48 page ![]() AN2633 STR91xFA library low power mode functions 25/48 2.10 SCU_AHBPeriphIdleConfig 2.11 SCU_EnterIdleMode ì 2.12 SCU_EnterSleepMode Function Name SCU_AHBPeriphIdleConfig Function prototype void SCU_AHBPeriphIdleConfig(u32 AHBPeriph, FunctionalState NewState) Behavior description Enables/disables the clock for a peripheral during Idle mode Input parameter1 AHBPeriph Refer to AHBPeriph on page 24 for the allowed values. Input parameter2 NewState: ENABLE or DISABLE Output parameter None Return parameter None Required preconditions None Called functions None Function name SCU_EnterIdleMode Function prototype void SCU_EnterIdleMode(void) Behavior description Puts MCU in Idle mode Input parameter None Output parameter None Return parameter None Required preconditions None Called functions None Function name SCU_EnterSleepMode Function prototype void SCU_EnterSleepMode(void) Behavior description Puts MCU in Sleep mode Input parameter None Output parameter None Return parameter None Required preconditions None Called functions None |