công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN2555 bảng dữ liệu(PDF) 19 Page - STMicroelectronics

tên linh kiện AN2555
Giải thích chi tiết về linh kiện  Porting an application from the ST10F269Zx to the ST10F276Z5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2555 bảng dữ liệu(HTML) 19 Page - STMicroelectronics

Back Button AN2555 Datasheet HTML 15Page - STMicroelectronics AN2555 Datasheet HTML 16Page - STMicroelectronics AN2555 Datasheet HTML 17Page - STMicroelectronics AN2555 Datasheet HTML 18Page - STMicroelectronics AN2555 Datasheet HTML 19Page - STMicroelectronics AN2555 Datasheet HTML 20Page - STMicroelectronics AN2555 Datasheet HTML 21Page - STMicroelectronics AN2555 Datasheet HTML 22Page - STMicroelectronics AN2555 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
AN2555 - Application note
New features
19/33
Figure 2.
X-Interrupt basic structure
2.2.1
Hardware impact
None.
Table 9.
X-Interrupt detailed mapping
XP0INT
XP1INT
XP2INT
XP3INT
CAN1 Interrupt
XX
CAN2 Interrupt
XX
I2C Receive
XX
X
I2C Transmit
XX
X
I2C Error
X
SSC1 Receive
XX
X
SSC1 Transmit
XX
X
SSC1 Error
X
ASC1 Receive
XX
X
ASC1 Transmit
XX
X
ASC1 Transmit Buffer
XX
X
ASC1 Error
X
PLL Unlock / OWD
X
PWM1 Channel 3...0
XX
XIRxSEL[7:0] (x = 0, 1, 2, 3)
XIRxSEL[15:8] (x = 0, 1, 2, 3)
XPxIC.IR (x = 0, 1, 2, 3)
70
15
8
IT Source 7
IT Source 6
IT Source 5
IT Source 4
IT Source 3
IT Source 2
IT Source 1
IT Source 0
Enable[7:0]
Flag[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33