công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN2555 bảng dữ liệu(PDF) 17 Page - STMicroelectronics

tên linh kiện AN2555
Giải thích chi tiết về linh kiện  Porting an application from the ST10F269Zx to the ST10F276Z5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2555 bảng dữ liệu(HTML) 17 Page - STMicroelectronics

Back Button AN2555 Datasheet HTML 13Page - STMicroelectronics AN2555 Datasheet HTML 14Page - STMicroelectronics AN2555 Datasheet HTML 15Page - STMicroelectronics AN2555 Datasheet HTML 16Page - STMicroelectronics AN2555 Datasheet HTML 17Page - STMicroelectronics AN2555 Datasheet HTML 18Page - STMicroelectronics AN2555 Datasheet HTML 19Page - STMicroelectronics AN2555 Datasheet HTML 20Page - STMicroelectronics AN2555 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AN2555 - Application note
Modified features
17/33
1.9.1
Hardware impacts
Port 0 configuration might be changed with regards to the new PLL factor.
The components on XTAL1 & XTAL2 (crystal and capacitors, or resonator) must be changed for the
following reasons:
●
the input frequency range is now 4 to 12 MHz
●
it is no longer possible to use a crystal or a ceramic resonator in direct drive mode
●
it is no longer possible to use a PLL factor with a frequency generator
●
the electrical characteristics of the main oscillator have changed (transconductance)
1.9.2
Software impact
None.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33