| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD30500 bảng dữ liệu(PDF) 4 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD30500 bảng dữ liệu(HTML) 4 Page - NEC |
|
4 / 36 page ![]() µPD30500, 30500A, 30500B 4 Data Sheet U12031EJ4V0DS00 No. Name No. Name No. Name No. Name No. Name No. Name A2 VDD A3 GND A4 VDD A5 GND A6 GND A7 VDD A8 GND A9 VDD A10 GND A11 VDD A12 GND A13 VDD A14 GND A15 GND A16 VDD A17 GND A18 GND B1 GND B2 GND B3 VDD B4 SysADC4 B5 SysADC0 B6 SysAD18 B7 SysAD20 B8 SysAD54 B9 SysAD26 B10 SysAD58 B11 SysAD30 B12 SysAD46 B13 SysAD12 B14 SysAD40 B15 SysAD6 B16 GND B17 VDD B18 VDD C1 VDD C2 VDD C3 ValidOut C4 NMI C5 SysADC6 C6 SysAD16 C7 SysAD50 C8 SysAD22 C9 SysAD24 C10 SysAD28 C11 SysAD62 C12 SysAD44 C13 SysAD10 C14 SysAD38 C15 SysAD4 C16 SysAD34 C17 SysAD2 C18 GND D1 GND D2 Int3 D3 Int5 D4 Release D5 VDD D6 SysADC2 D7 SysAD48 D8 SysAD52 D9 SysAD56 D10 SysAD60 D11 SysAD14 D12 SysAD42 D13 SysAD8 D14 SysAD36 D15 ColdReset D16 SysAD0 D17 ScTOE D18 VDD E1 GND E2 Int0 E3 Int2 E4 Int4 E15 SysAD32 E16 ScDCE1 E17 ScCWE1 E18 VDD F1 VDD F2 Reserved F3 ScValid F4 Int1 F15 ScDCE0 F16 ScCWE0 F17 ScTDE F18 GND G1 GND G2 Reserved G3 Reserved G4 Reserved G15 ScCLR G16 ScTCE G17 Modeln G18 VDD H1 VDD H2 Reserved H3 Reserved H4 Reserved H15 VDDOk H16 ModeClock H17 SysClock H18 GND J1 GND J2 WrRdy J3 Validln J4 ExtRqst J15 Reserved J16 Reserved J17 Reserved J18 VDD K1 VDD K2 ScMatch K3 RdRdy K4 ScDOE K15 Reserved K16 VDDP K17 GNDP K18 GND L1 GND L2 SysCmd8 L3 SysCmd7 L4 SysCmd5 L15 ScLine12 L16 ScLine14 L17 ScLine15 L18 VDD M1 VDD M2 SysCmd6 M3 SysCmd4 M4 SysCmd1 M15 ScLine8 M16 ScLine10 M17 ScLine13 M18 GND N1 GND N2 SysCmd3 N3 SysCmd2 N4 SysADC7 N15 ScLine5 N16 ScLine7 N17 ScLine11 N18 VDD P1 VDD P2 SysCmd0 P3 SysCmdP P4 SysADC1 P15 ScLine2 P16 ScLine4 P17 ScLine9 P18 GND R1 VDD R2 SysADC5 R3 SysADC3 R4 BigEndian R5 SysAD49 R6 SysAD51 R7 SysAD55 R8 SysAD27 R9 SysAD31 R10 SysAD43 R11 SysAD39 R12 SysAD35 R13 SysAD1 R14 ScWord1 R15 ScLine0 R16 ScLine3 R17 ScLine6 R18 GND T1 GND T2 SysAD15 T3 SysAD47 T4 SysAD17 T5 SysAD19 T6 SysAD23 T7 SysAD57 T8 SysAD29 T9 VDD T10 SysAD45 T11 SysAD41 T12 SysAD7 T13 SysAD5 T14 SysAD33 T15 Reset T16 ScLine1 T17 VDD T18 VDD U1 VDD U2 VDD U3 GND U4 SysAD21 U5 SysAD53 U6 SysAD25 U7 SysAD59 U8 SysAD61 U9 SysAD63 U10 SysAD13 U11 SysAD11 U12 SysAD9 U13 SysAD37 U14 SysAD3 U15 ScWord0 U16 VDD U17 GND U18 GND V1 GND V2 GND V3 VDD V4 GND V5 GND V6 VDD V7 GND V8 VDD V9 GND V10 VDD V11 GND V12 VDD V13 GND V14 VDD V15 GND V16 GND V17 VDD V18 GND |