| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2870 bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2870 bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 41 page ![]() Designing with L6585DE AN2870 32/41 A more accurate procedure can be followed considering that the reported curves can be represented by the following equation (f in kHz and R in k Ω): Equation 40 In particular the constant, k, and the exponent, e, can be calculated for a given Cosc (expressed in pF) as follows: Equation 41 Equation 42 Firstly k and e should be found and then R can be calculated as follows: Equation 43 ()e R k f = () 872 . 0 OSC 3 C 10 6 . 499 k ⋅ = () 581 . 0 OSC C 33 . 1 1 e − = Figure 17. (A) k parameter versus Cosc (pF) Figure 17. (B) e parameter versus Cosc (pF) e 1 pre run pre e 1 run run f k R // R f k R ⎟ ⎟ ⎠ ⎞ ⎜ ⎜ ⎝ ⎛ = ⎟⎟ ⎠ ⎞ ⎜⎜ ⎝ ⎛ = |