| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2870 bảng dữ liệu(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2870 bảng dữ liệu(HTML) 20 Page - STMicroelectronics |
|
20 / 41 page ![]() Designing with L6585DE AN2870 20/41 4 Designing with L6585DE Figure 12. Typical application 4.1 PFC stage design Output voltage and dynamic OVP Output voltage is set designing a voltage divider connected to INV pin: Equation 2 The maximum output voltage is set designing a voltage divider connected to CTR pin: Equation 3 Both RINV,Hi and RCTR,Lo should be composed by a suitable number of resistors placed in series in order to increase the reliability of the application against over-voltages. ⎟ ⎟ ⎠ ⎞ ⎜ ⎜ ⎝ ⎛ + ⋅ = Lo , INV Hi , INV OUT R R 1 V 52 . 2 V ⎟ ⎟ ⎠ ⎞ ⎜ ⎜ ⎝ ⎛ + ⋅ = Lo , CTR Hi , CTR MAX , OUT R R 1 V 4 . 3 V |