| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2870 bảng dữ liệu(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2870 bảng dữ liệu(HTML) 19 Page - STMicroelectronics |
|
19 / 41 page ![]() AN2870 Device blocks description 19/41 Figure 11. Window comparator for rectifying effect detection (lamp to GND) 3.3.4 Shutdown A second comparator, with a threshold equal to 0.8 V, has been introduced on the pin CTR in order to stop the IC if the CTR pin is pulled to ground. If IC is not in latched condition when CTR is pulled down, a new starting sequence is performed as CTR pin voltage is higher than the threshold; this behavior can be used for shutdown. |