| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2839 bảng dữ liệu(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2839 bảng dữ liệu(HTML) 28 Page - STMicroelectronics |
|
28 / 40 page ![]() Designing an application with L6228 AN2839 28/40 Doc ID 15104 Rev 1 slope of the desired sine wave. In cases like this, the fast decay mode can just be applied during the negative slope of the current (Figure 33). The disadvantage is an increased current ripple in the other winding (where the current is increasing and fast decay is not needed). Figure 33. Using fast decay during a high, negative current slope AM01716v1 |