công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM1620 bảng dữ liệu(PDF) 24 Page - STMicroelectronics

tên linh kiện UM1620
Giải thích chi tiết về linh kiện  Standard software driver for C90FL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1620 bảng dữ liệu(HTML) 24 Page - STMicroelectronics

Back Button UM1620 Datasheet HTML 20Page - STMicroelectronics UM1620 Datasheet HTML 21Page - STMicroelectronics UM1620 Datasheet HTML 22Page - STMicroelectronics UM1620 Datasheet HTML 23Page - STMicroelectronics UM1620 Datasheet HTML 24Page - STMicroelectronics UM1620 Datasheet HTML 25Page - STMicroelectronics UM1620 Datasheet HTML 26Page - STMicroelectronics UM1620 Datasheet HTML 27Page - STMicroelectronics UM1620 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
API specification
UM1620
24/41
DocID024388 Rev 3
2.6.9
GetLock()
Description
This function checks the block locking status of Shadow/Low/Middle/High address spaces in
the C90FL module.
Prototype
UINT32 GetLock (PSSD_CONFIG pSSDConfig,
UINT8 blkLockIndicator,
BOOL *blkLockEnabled,
UINT32 *blkLockState);
Arguments
Return values
Troubleshooting
Table 31. Arguments for GetLock()
Argument
Description
Range
pSSDConfig
Pointer to the SSD
Configuration Structure.
The values in this structure are chip-dependent.
Please refer to Section 2.3 for more details.
blkLockIndicator
Indicating the address space
and the block locking level,
which determines the address
space block locking register
to be checked.
Refer to Table 34 for valid values for this
parameter.
blkLockEnabled
Indicate whether the address
space block locking register is
enabled for register writes
TRUE – The address space block locking register
is enabled for register writes.
FALSE – The address space block locking
register is disabled for register writes.
blkLockState
Returns the blocks’ locking
status of indicated locking
level in the given address
space
Bit mapped value indicating the locking status of
the specified locking level and address space.
1: The block is locked from program/erase.
0: The block is ready for program/erase
Table 32. Return values for GetLock()
Type
Description
Possible values
UINT32
Successful completion or error value.
C90FL_OK
C90FL_ERROR_LOCK_INDICATOR
Table 33. Troubleshooting for GetLock()
Returned error bits
Possible causes
Solution
C90FL_ERROR_LOCK_INDICATOR
The input blkLockIndicator
is invalid.
Set this argument to correct
value listed in Table 34.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com