công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM1620 bảng dữ liệu(PDF) 19 Page - STMicroelectronics

tên linh kiện UM1620
Giải thích chi tiết về linh kiện  Standard software driver for C90FL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1620 bảng dữ liệu(HTML) 19 Page - STMicroelectronics

Back Button UM1620 Datasheet HTML 15Page - STMicroelectronics UM1620 Datasheet HTML 16Page - STMicroelectronics UM1620 Datasheet HTML 17Page - STMicroelectronics UM1620 Datasheet HTML 18Page - STMicroelectronics UM1620 Datasheet HTML 19Page - STMicroelectronics UM1620 Datasheet HTML 20Page - STMicroelectronics UM1620 Datasheet HTML 21Page - STMicroelectronics UM1620 Datasheet HTML 22Page - STMicroelectronics UM1620 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
DocID024388 Rev 3
19/41
UM1620
API specification
2.6.6
CheckSum()
Description
This function performs a 32-bit sum over the specified Flash memory range without carry,
which provides a rapid method for checking data integrity.
Prototype
UINT32 CheckSum (PSSD_CONFIG pSSDConfig,
UINT32 dest,
UINT32 size,
UINT32 *pSum,
void (*CallBack)(void));
Arguments
Return values
Table 21. Arguments for CheckSum()
Argument
Description
Range
pSSDConfig
Pointer to the SSD
Configuration Structure.
The values in this structure are chip-dependent.
Please refer to Section 2.3 for more details.
Dest
Destination address to be
summed in Flash memory.
Any accessible address aligned on double word
boundary in either main array or shadow row.
Size
Size, in bytes, of the Flash
region to check sum.
If size is 0 and the other parameters are all valid,
C90FL_OK is returned. Its combination with dest
should fall within either main array or shadow row.
pSum
Returns the sum value.
0x00000000 - 0xFFFFFFFF. Note that this value is
only valid when the function returns C90FL_OK.
CallBack
Address of void call back
function pointer.
Any addressable void function address. To disable it
use NULL_CALLBACK macro.
Table 22. Return values for CheckSum()
Type
Description
Possible values
UINT32
Successful completion or error value.
C90FL_OK
C90FL_ERROR_ALIGNMENT
C90FL_ERROR_RANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com