công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM1620 bảng dữ liệu(PDF) 20 Page - STMicroelectronics

tên linh kiện UM1620
Giải thích chi tiết về linh kiện  Standard software driver for C90FL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1620 bảng dữ liệu(HTML) 20 Page - STMicroelectronics

Back Button UM1620 Datasheet HTML 16Page - STMicroelectronics UM1620 Datasheet HTML 17Page - STMicroelectronics UM1620 Datasheet HTML 18Page - STMicroelectronics UM1620 Datasheet HTML 19Page - STMicroelectronics UM1620 Datasheet HTML 20Page - STMicroelectronics UM1620 Datasheet HTML 21Page - STMicroelectronics UM1620 Datasheet HTML 22Page - STMicroelectronics UM1620 Datasheet HTML 23Page - STMicroelectronics UM1620 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
API specification
UM1620
20/41
DocID024388 Rev 3
Troubleshooting
Comments
None.
Assumptions
It assumes that the Flash block is initialized using a ‘FlashInit()’ API.
2.6.7
FlashSuspend()
Description
This function checks if there is any high voltage operation, erase or program, in progress on
the C90FL module and if the operation can be suspended. This function suspends the
ongoing operation if it can be suspended.
Prototype
UINT32 FlashSuspend (PSSD_CONFIG pSSDConfig,
UINT8 *suspendState,
BOOL *suspendFlag);
Arguments
Table 23. Troubleshooting for CheckSum()
Returned error bits
Description
Solution
C90FL_ERROR_ALIGNMENT
This error indicates that
dest/size isn’t properly
aligned.
Check if dest and size are aligned on
double word (64-bit) boundary. Check if
source is aligned on word boundary.
C90FL_ERROR_RANGE
The area specified by
dest and size is out of
the valid C90FL address
range.
Check dest and dest+size, both should
fall in the same C90FL address ranges,
i.e. both in main array or both in shadow
row.
Table 24. Arguments for FlashSuspend()
Argument
Description
Range
pSSDConfig
Pointer to the SSD
Configuration Structure.
The values in this structure are chip-dependent.
Please refer to Section 2.3 for more details.
suspendState
Indicate the suspend state
of C90FL module after the
function being called.
All return values are enumerated inTable 27.
suspendFlag
Return whether the
suspended operation, if
there is any, is suspended
by this call.
TRUE: the operation is suspended by this call;
FALSE: either no operation to be suspended or the
operation is suspended not by this call.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com