công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM1635 bảng dữ liệu(PDF) 20 Page - STMicroelectronics

tên linh kiện UM1635
Giải thích chi tiết về linh kiện  Standard software driver for C90FL2 Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1635 bảng dữ liệu(HTML) 20 Page - STMicroelectronics

Back Button UM1635 Datasheet HTML 16Page - STMicroelectronics UM1635 Datasheet HTML 17Page - STMicroelectronics UM1635 Datasheet HTML 18Page - STMicroelectronics UM1635 Datasheet HTML 19Page - STMicroelectronics UM1635 Datasheet HTML 20Page - STMicroelectronics UM1635 Datasheet HTML 21Page - STMicroelectronics UM1635 Datasheet HTML 22Page - STMicroelectronics UM1635 Datasheet HTML 23Page - STMicroelectronics UM1635 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
API specification
UM1635
20/42
DocID024604 Rev 2
2.6.7
FlashSuspend()
Description
This function checks if there is any high voltage operation, erase or program, in progress on
the C90FL2 module and if the operation can be suspended. This function suspends the
ongoing operation if it can be suspended.
Prototype
UINT32 FlashSuspend (PSSD_CONFIG pSSDConfig,
UINT8 *suspendState,
UINT8 *suspendFlag);
Arguments
Return values
Troubleshooting
None.
Comments
After calling ‘FlashSuspend()’, read is allowed on both main array space and shadow row
without any Read-While-Write error. But data read from the blocks targeted for programming
or erasing is indeterminate even if the operation is suspended.
This function should be used together with ‘FlashResume()’. The suspendFlag returned by
‘FlashSuspend()’ determine whether ‘FlashResume()’ needs to be called or not. If
suspendFlag is TRUE, ‘FlashResume()’ must be called symmetrically to resume the
suspended operation.
Table 26 defines and describes various suspend states and associated suspend codes.
Table 24. Arguments for FlashSuspend()
Argument
Description
Range
pSSDConfig
Pointer to the SSD
Configuration Structure.
The values in this structure are chip-dependent.
Please refer to Section 2.3 for more details.
suspendState
Indicate the suspend state
of C90FL2 module after the
function being called.
All return values are enumerated in Table 27.
suspendFlag
Return whether the
suspended operation, if
there is any, is suspended
by this call.
TRUE: the operation is suspended by this call;
FALSE: either no operation to be suspended or the
operation is suspended not by this call.
Table 25. Return values for FlashSuspend()
Type
Description
Possible values
UINT32
Successful completion.
C90FL_OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com