công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM1635 bảng dữ liệu(PDF) 17 Page - STMicroelectronics

tên linh kiện UM1635
Giải thích chi tiết về linh kiện  Standard software driver for C90FL2 Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1635 bảng dữ liệu(HTML) 17 Page - STMicroelectronics

Back Button UM1635 Datasheet HTML 13Page - STMicroelectronics UM1635 Datasheet HTML 14Page - STMicroelectronics UM1635 Datasheet HTML 15Page - STMicroelectronics UM1635 Datasheet HTML 16Page - STMicroelectronics UM1635 Datasheet HTML 17Page - STMicroelectronics UM1635 Datasheet HTML 18Page - STMicroelectronics UM1635 Datasheet HTML 19Page - STMicroelectronics UM1635 Datasheet HTML 20Page - STMicroelectronics UM1635 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
DocID024604 Rev 2
17/42
UM1635
API specification
Assumptions
It assumes that the Flash block is initialized using the ‘FlashInit()’ API.
2.6.5
ProgramVerify()
Description
This function checks if a programmed Flash range matches the corresponding source data
buffer. In case of mismatch, the failed address, destination value and source value is saved
and relevant error code is returned.
Prototype
UINT32 ProgramVerify (PSSD_CONFIG pSSDConfig,
UINT32 dest,
UINT32 size,
UINT32 source,
UINT32 *pFailAddress,
UINT64 *pFailData,
UINT64 *pFailSource,
void (*CallBack)(void));
Arguments
Table 18. Arguments for ProgramVerify()
Argument
Description
Range
pSSDConfig
Pointer to the SSD
Configuration Structure.
The values in this structure are chip-dependent. Please refer to
Section 2.3 for more details.
Dest
Destination address to be
verified in Flash memory.
Any accessible address aligned on double word boundary in
main array or shadow row.
Size
Size, in byte, of the Flash
region to verify.
If size = 0, C90FL_OK is returned. Its combination with dest
should fall within either main array or shadow row.
Source
Verify source buffer address.
This address must reside on word boundary.
pFailAddress
Return first failing address in
Flash.
Only valid when the function returns C90FL_ERROR_VERIFY.
pFailData
Returns first mismatch data in
Flash.
Only valid when this function returns C90FL_ERROR_VERIFY.
pFailSource
Returns first mismatch data in
buffer.
Only valid when this function returns C90FL_ERROR_VERIFY.
CallBack
Address of void call back
function pointer.
Any addressable void function address. To disable it use
NULL_CALLBACK macro.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com