công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM1635 bảng dữ liệu(PDF) 12 Page - STMicroelectronics

tên linh kiện UM1635
Giải thích chi tiết về linh kiện  Standard software driver for C90FL2 Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1635 bảng dữ liệu(HTML) 12 Page - STMicroelectronics

Back Button UM1635 Datasheet HTML 8Page - STMicroelectronics UM1635 Datasheet HTML 9Page - STMicroelectronics UM1635 Datasheet HTML 10Page - STMicroelectronics UM1635 Datasheet HTML 11Page - STMicroelectronics UM1635 Datasheet HTML 12Page - STMicroelectronics UM1635 Datasheet HTML 13Page - STMicroelectronics UM1635 Datasheet HTML 14Page - STMicroelectronics UM1635 Datasheet HTML 15Page - STMicroelectronics UM1635 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
API specification
UM1635
12/42
DocID024604 Rev 2
Troubleshooting
Comments
When shadowFlag is set to FALSE, the ‘FlashErase()’ function erases the blocks in the main
array. It is capable of erasing any combination of blocks in the low, mid and high address
spaces in one operation. If shadowFlag is TRUE, this function erases the shadow row.
The inputs lowEnabledBlocks, midEnabledBlocks and highEnabledBlocks are bit-mapped
arguments that are used to select the blocks to be erased in the Low/Mid/High address
spaces of main array. The selection of the blocks of the main array is determined by
setting/clearing the corresponding bit in lowEnabledBlocks, midEnabledBlocks or
highEnabledBlocks.
The bit allocations for blocks in one address space are: bit 0 is assigned to block 0, bit 1 to
block 1, etc. The following diagrams show the formats of lowEnabledBlocks,
midEnabledBlocks and highEnabledBlocks for the C90FL2 module.
For low address space valid bits are from bit 0 to bit (lowBlockNum – 1). In which,
lowBlockNum is the number of low blocks returned from FlashInit();
For middle address space valid bits are from bit 0 and bit (midBlockNum – 1). In which,
midBlockNum is the number of middle blocks returned from FlashInit();
For high address space valid bits are from bit 0 to bit (highBlockNum – 1). In which,
highBlockNum is the number of high blocks returned from FlashInit();
For example, below are bit allocations for blocks in Low/Mid/High Address Space of
SPC56ELx:
Bit Allocation for Blocks in Low Address Space:
Table 8. Troubleshooting for FlashErase()
Error Codes
Possible Causes
Solution
C90FL_ERROR_BUSY
New erase operation cannot be
performed because there is
program/erase sequence in
progress on the Flash module.
Wait until all previous program/erase operations on
the Flash module finish.
Possible cases that erase cannot start are:
– erase in progress (FLASH_MCR-ERS is high);
– program in progress (FLASH_MCR-PGM is
high);
C90FL_ERROR_ EGOOD
Erase operation failed.
Check if the C90FL2 is available and high voltage is
applied to C90FL2. Then try to do the erase
operation again.
Table 9. Bit allocation for blocks in low address space
MSB
LSB
bit 31
…
bit 10
bit 9
bit 8
…
bit 1
bit 0
reserved
…
reserved
block 9
block 8
…
block 1
block 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com