công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM1635 bảng dữ liệu(PDF) 19 Page - STMicroelectronics

tên linh kiện UM1635
Giải thích chi tiết về linh kiện  Standard software driver for C90FL2 Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1635 bảng dữ liệu(HTML) 19 Page - STMicroelectronics

Back Button UM1635 Datasheet HTML 15Page - STMicroelectronics UM1635 Datasheet HTML 16Page - STMicroelectronics UM1635 Datasheet HTML 17Page - STMicroelectronics UM1635 Datasheet HTML 18Page - STMicroelectronics UM1635 Datasheet HTML 19Page - STMicroelectronics UM1635 Datasheet HTML 20Page - STMicroelectronics UM1635 Datasheet HTML 21Page - STMicroelectronics UM1635 Datasheet HTML 22Page - STMicroelectronics UM1635 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
DocID024604 Rev 2
19/42
UM1635
API specification
Arguments
Return values
Troubleshooting
Comments
None.
Assumptions
It assumes that the Flash block is initialized using the ‘FlashInit()’ API.
Table 21. Arguments for CheckSum()
Argument
Description
Range
pSSDConfig
Pointer to the SSD
Configuration Structure.
The values in this structure are chip-dependent. Please
refer to Section 2.3 for more details.
Dest
Destination address to be
summed in Flash memory.
Any accessible address aligned on double word boundary
in either main array or shadow row.
Size
Size, in bytes, of the Flash
region to check sum.
If size is 0 and the other parameters are all valid,
C90FL_OK is returned. Its combination with dest should
fall within either main array or shadow row.
pSum
Returns the sum value.
0x00000000 - 0xFFFFFFFF. Note that this value is only
valid when the function returns C90FL_OK.
CallBack
Address of void call back
function pointer.
Any addressable void function address. To disable it use
NULL_CALLBACK macro.
Table 22. Return values for CheckSum()
Type
Description
Possible values
UINT32
Successful completion or error value.
C90FL_OK
C90FL_ERROR_ALIGNMENT
C90FL_ERROR_RANGE
Table 23. Troubleshooting for CheckSum()
Returned Error Bits
Description
Solution
C90FL_ERROR_ALIGNMENT
This error indicates that
dest/size isn’t properly aligned
Check if dest and size are aligned on double
word (64-bit) boundary. Check if source is
aligned on word boundary
C90FL_ERROR_RANGE
The area specified by dest and
size is out of the valid C90FL2
address range.
Check dest and dest+size, both should fall in
the same C90FL2 address ranges, i.e. both in
main array or both in shadow row



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com