| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3190 bảng dữ liệu(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3190 bảng dữ liệu(HTML) 41 Page - STMicroelectronics |
|
41 / 56 page ![]() AN3190 Detailed pad list Doc ID 17333 Rev 2 41/56 A.94 Pad 94 A.95 Pad 95 A.96 Pad 96 A.97 Pad 97 A.98 Pad 98 - G[6] Table 99. Pad 94: fully compatible SPC560Px SPC56EL60 Comment VSS_LV_COR1 VSS_LV_COR — Table 100. Pad 95: non-compatible SPC560Px SPC56EL60 Comment GPIO[61] - D[13] — SPC56EL60 does not support this digital IO channel. FlexPWM 0 - A[1] — SPC56EL60 supports this function on pad 15, 124 and 133. Compatibility can be achieved on pad 15 and 124. DSPI 3 - CS 2 — SPC56EL60 does not include the DSPI 3. DSPI 2 - SOUT — Compatibility on this function can be achieved on pad 74 and 122. — VDD_HV_REG_1 — Table 101. Pad 96: fully compatible SPC560Px SPC56EL60 Comment VSS_HV_FL VSS_HV_FLA — Table 102. Pad 97: fully compatible SPC560Px SPC56EL60 Comment VDD_HV_FL VDD_HV_FLA — Table 103. Pad 98 - G[6]: fully compatible SPC560Px SPC56EL60 Comment GPIO[102] — FlexPWM 0 - A[3] — |