| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3190 bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3190 bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 56 page ![]() AN3190 Detailed pad list Doc ID 17333 Rev 2 29/56 A.44 Pad 44 - E[5] A.45 Pad 45 - C[2] A.46 Pad 46 - E[6] A.47 Pad 47 - B[8] Table 49. Pad 44 - E[5]: fully compatible SPC560Px SPC56EL60 Comment GPIO[69] — ADC 0 - AN[8] — Table 50. Pad 45 - C[2]: fully compatible SPC560Px SPC56EL60 Comment GPIO[34] — ADC 0 - AN[3] — Table 51. Pad 46 - E[6]: fully compatible(1) 1. If this pad is used as analog input a full compatibility is reached by software in such a way that a SPC560Px conversion on channel ADC0_AN[9] corresponds to an SPC56EL60 conversion on channel ADC0_AN[4]. SPC560Px SPC56EL60 Comment GPIO[70] — ADC 0 - AN[9] — SPC56EL60 does not support this analog channel. — ADC 0 - AN[4] SPC560Px supports this analog channel on pad 39. Table 52. Pad 47 - B[8]: fully compatible SPC560Px SPC56EL60 Comment GPIO[24] — ADC 0 - AN[1] — eTimer - ETC[5] — |