| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3190 bảng dữ liệu(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3190 bảng dữ liệu(HTML) 33 Page - STMicroelectronics |
|
33 / 56 page ![]() AN3190 Detailed pad list Doc ID 17333 Rev 2 33/56 A.62 Pad 62 - B[15] A.63 Pad 63 - E[10] A.64 Pad 64 - B[14] A.65 Pad 65 - B[11] Table 67. Pad 62 - B[15]: fully compatible SPC560Px SPC56EL60 Comment GPI0[31] — EIRQ[20] — ADC 1 - AN[2] — Table 68. Pad 63 - E[10]: fully compatible SPC560Px SPC56EL60 Comment GPI0[74] — ADC 1 - AN[8] — Table 69. Pad 64 - B[14]: fully compatible SPC560Px SPC56EL60 Comment GPI0[30] — EIRQ[19] — eTimer 0 - ETC[4] — ADC 1 - AN[1] — Table 70. Pad 65 - B[11]: fully compatible(1) 1. If this pad is used as analog input a full compatibility is reached by software in such a way that a SPC560Px conversion on channel ADC1_AN[9] corresponds to an SPC56EL60 conversion on channel ADC1_AN[4]. SPC560Px SPC56EL60 Comment GPI0[75] — ADC 1 - AN[9] — SPC56EL60 does not support this analog channel. — ADC 1 - AN[4] SPC560Px supports this analog channel on pad 58. |