| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3190 bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3190 bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 56 page ![]() Pad compatibility AN3190 12/56 Doc ID 17333 Rev 2 Table 2. Partially compatible pads: SPC560Px functionalities not supported on SPC56EL60 Pad No. Functionality not supported on SPC56EL60 Comment 33 (A.33) FCU 0 - F[0] For safety reasons SPC56EL60 has this function on a dedicated pad. Compatibility on the F[0] functionality can be achieved on pad 38. DSPI 3 - SOUT SPC56EL60 does not include the DSPI 3. 34 (A.34) DSPI 3 - SCK SPC56EL60 does not include the DSPI 3. 37 (A.37) DSPI 3 - SIN SPC56EL60 does not include the DSPI 3. 38 (A.38) GPIO[96] - G[0] Not supported by SPC56EL60 EIRQ[30] SPC56EL60 supports this functionality on pad 106. 73 (A.73)FCU - F[0] For safety reasons SPC56EL60 supports this function on a dedicated pad. Compatibility on the F[0] functionality can be achieved on pad 38. 74 (A.74)FCU - F[1] For safety reasons SPC56EL60 supports this function on a dedicated pad. Compatibility on the F[0] functionality can be achieved on pad 141. 76 (A.76) DSPI 3 - CS 0 SPC56EL60 does not include the DSPI 3. 78 (A.78) DSPI 3 - CS 1 SPC56EL60 does not include the DSPI 3. 80 (A.80) DSPI 3 - CS 0 SPC56EL60 does not include the DSPI 3. 82 (A.82) DSPI 3 - CS 1 SPC56EL60 does not include the DSPI 3. 117 (A.117) DSPI 3 - SCK SPC56EL60 does not include the DSPI 3. 119 (A.119) DSPI 3 - SOUT SPC56EL60 does not include the DSPI 3. 121 (A.121) DSPI 3 - SIN SPC56EL60 does not include the DSPI 3. 133 (A.133) FlexRay - DBG 0 SPC56EL60 supports this function on pad 81, but compatibility on this function cannot be achieved. This function is used for debugging purposes according to the FlexRay protocol. DSPI 3 - CS 3 SPC56EL60 does not include the DSPI 3. 139 (A.139) FlexRay - DBG 3 SPC56EL60 supports this function on pad 75. But compatibility cannot be achieved. This function is used for debugging purposes according to the FlexRay protocol. DSPI 3 - CS 0 SPC56EL60 does not include the DSPI 3. Table 3. Partially compatible pads: SPC56EL60 functionalities not supported on SPC560Px Pad No. Functionality not supported on SPC560Px Comment 32 (A.32) eTimer 1 - ETC[4] Compatibility on this function can be achieved on pad 112, 128 and 143. 33 (A.33) FlexPWM 0 - FAULT[2] Compatibility on this function can be achieved on pad 77. 34 (A.34) FlexPWM 0 - X[3] Compatibility on this function can be achieved on pad 85 and 140. 37 (A.37) SWG SPC560Px does not support the SWG. |