công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F364AMNFB bảng dữ liệu(PDF) 84 Page - Renesas Technology Corp

tên linh kiện R5F364AMNFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F364AMNFB bảng dữ liệu(HTML) 84 Page - Renesas Technology Corp

Back Button R5F364AMNFB Datasheet HTML 80Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 81Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 82Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 83Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 84Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 85Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 86Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 87Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 92 page
background image
R01DS0032EJ0200 Rev.2.00
Page 84 of 88
Feb 07, 2011
M16C/64A Group
5. Electrical Characteristics
VCC1 = VCC2 = 3 V
Switching Characteristics
(VCC1 = VCC2 = 3 V, VSS = 0 V, at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified)
5.3.4.2
In 1 to 3 Waits Setting and When Accessing External Area
Notes:
1.
Calculated according to the BCLK frequency as follows:
2.
Calculated according to the BCLK frequency as follows:
3.
This standard value shows the timing when the output is off,
and does not show hold time of data bus.
Hold time of data bus varies with capacitor volume and pull-up
(pull-down) resistance value.
Hold time of data bus is expressed in
t=
−CR × ln(1−V
OL/VCC2)
by a circuit of the right figure.
For example, when VOL = 0.2VCC2, C = 30 pF, R = 1 kΩ, hold
time of output low level is
t =
−30 pF × 1 kΩ × In(1 − 0.2V
CC2/VCC2)
= 6.7 ns.
Table 5.56
Memory Expansion Mode and Microprocessor Mode (in 1 to 3 Waits Setting and When
Accessing External Area)
Symbol
Parameter
Measuring
Condition
Standard
Unit
Min.
Max.
td(BCLK-AD)
Address output delay time
See
Figure 5.27
30
ns
th(BCLK-AD)
Address output hold time (in relation to BCLK)
0ns
th(RD-AD)
Address output hold time (in relation to RD)
0ns
th(WR-AD)
Address output hold time (in relation to WR)
(Note 2)
ns
td(BCLK-CS)
Chip select output delay time
30
ns
th(BCLK-CS)
Chip select output hold time (in relation to BCLK)
0ns
td(BCLK-ALE)
ALE signal output delay time
25
ns
th(BCLK-ALE)
ALE signal output hold time
-4
ns
td(BCLK-RD)
RD signal output delay time
30
ns
th(BCLK-RD)
RD signal output hold time
0ns
td(BCLK-WR)
WR signal output delay time
30
ns
th(BCLK-WR)
WR signal output hold time
0ns
td(BCLK-DB)
Data output delay time (in relation to BCLK)
40
ns
th(BCLK-DB)
Data output hold time (in relation to BCLK) (3)
0ns
td(DB-WR)
Data output delay time (in relation to WR)
(Note 1)
ns
th(WR-DB)
Data output hold time (in relation to WR) (3)
(Note 2)
ns
n is 1 for 1 wait setting, 2 for 2 waits setting and 3 for 3 waits setting.
When n = 1, f(BCLK) is 12.5 MHz or less.
n
0.5
–
() 10
9
×
f
BCLK
()
------------------------------------40 ns
[]
–
0.5
10
9
×
f
BCLK
()
----------------------10 ns
[]
–
DBi
R
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com