công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F364AMNFB bảng dữ liệu(PDF) 71 Page - Renesas Technology Corp

tên linh kiện R5F364AMNFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F364AMNFB bảng dữ liệu(HTML) 71 Page - Renesas Technology Corp

Back Button R5F364AMNFB Datasheet HTML 67Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 68Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 69Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 70Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 71Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 72Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 73Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 74Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
R01DS0032EJ0200 Rev.2.00
Page 71 of 88
Feb 07, 2011
M16C/64A Group
5. Electrical Characteristics
VCC1 = VCC2 = 3 V
Note:
1.
This indicates the memory in which the program to be executed exists.
Table 5.39
Electrical Characteristics (2)
R5F364A6NFA, R5F364A6NFB, R5F364A6DFA, R5F364A6DFB,
R5F364AENFA, R5F364AENFB, R5F364AEDFA, R5F364AEDFB
VCC1 = VCC2 = 2.7 to 3.3 V, VSS = 0 V at Topr = −20°C to 85°C/−40°C to 85°C, f(BCLK) = 25 MHz unless otherwise specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
ICC
Power supply current
In single-chip, mode,
the output pin are
open and other pins
are VSS
High-speed mode
f(BCLK) = 25 MHz
XIN = 4.2 MHz (square wave), PLL multiplied by 6
125 kHz on-chip oscillator stopped
20.0
mA
f(BCLK) = 25 MHz, A/D conversion
XIN = 4.2 MHz (square wave), PLL multiplied by 6
125 kHz on-chip oscillator stopped
20.7
mA
f(BCLK) = 20 MHz
XIN = 20 MHz (square wave)
125 kHz on-chip oscillator stopped
16.0
mA
125 kHz on-chip
oscillator mode
Main clock stopped
125 kHz on-chip oscillator on, no division
FMR22 = 1 (slow read mode)
450.0
μA
Low-power mode
f(BCLK) = 32 MHz
In low-power mode
FMR 22 = FMR23 = 1
On flash memory (1)
160.0
μA
f(BCLK) = 32 MHz
In low-power mode
On RAM (1)
40.0
μA
Wait mode
Main clock stopped
125 kHz on-chip oscillator on
Peripheral clock operating
Topr = 25°C
20.0
μA
f(BCLK) = 32 MHz (oscillation capacity High)
125 kHz on-chip oscillator stopped
Peripheral clock operating
Topr = 25°C
8.0
μA
f(BCLK) = 32 kHz (oscillation capacity Low)
125 kHz on-chip oscillator stopped
Peripheral clock operating
Topr = 25°C
4.0
μA
Stop mode
Main clock stopped
125 kHz on-chip oscillator stopped
Peripheral clock stopped
Topr = 25°C
1.6
μA
During flash
memory program
f(BCLK) = 10 MHz, PM17 = 1 (one wait)
VCC1 = 3.0 V
20.0
mA
During flash
memory erase
f(BCLK) = 10 MHz, PM17 = 1 (one wait)
VCC1 = 3.0 V
30.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com