công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F364AMNFB bảng dữ liệu(PDF) 46 Page - Renesas Technology Corp

tên linh kiện R5F364AMNFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F364AMNFB bảng dữ liệu(HTML) 46 Page - Renesas Technology Corp

Back Button R5F364AMNFB Datasheet HTML 42Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 43Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 44Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 45Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 46Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 47Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 48Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 49Page - Renesas Technology Corp R5F364AMNFB Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 92 page
background image
R01DS0032EJ0200 Rev.2.00
Page 46 of 88
Feb 07, 2011
M16C/64A Group
5. Electrical Characteristics
Notes:
1.
Definition of program and erase cycles
The program and erase cycles refer to the number of per-block erasures.
If the program and erase cycles are n (n = 10,000), each block can be erased n times.
For example, if a 4 KB block is erased after writing 2 word data 1,024 times, each to a different address, this
counts as one program and erase cycles. Data cannot be written to the same address more than once without
erasing the block (rewrite prohibited).
2.
Cycles to guarantee all electrical characteristics after program and erase. (1 to Min. value can be guaranteed).
3.
In a system that executes multiple programming operations, the actual erasure count can be reduced by writing
to sequential addresses in turn so that as much of the block as possible is used up before performing an erase
operation. For example, when programming groups of 16 bytes, the effective number of rewrites can be
minimized by programming up to 256 groups before erasing them all in one operation. In addition, averaging the
erasure cycles between blocks A and B can further reduce the actual erasure cycles. It is also advisable to retain
data on the erasure cycles of each block and limit the number of erase operations to a certain number.
4.
If an error occurs during block erase, attempt to execute the clear status register command, then execute the
block erase command at least three times until the erase error does not occur.
5.
Customers desiring program/erase failure rate information should contact a Renesas Electronics sales office.
6.
The data hold time includes time that the power supply is off or the clock is not supplied.
Table 5.10
Flash Memory (Data Flash) Electrical Characteristics
VCC1 = 2.7 to 5.5 V at Topr = -20 to 85°C/-40 to 85°C, unless otherwise specified.
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
-
Program and erase cycles (1), (3), (4) VCC1 = 3.3 V, Topr = 25°C
10,000 (2)
times
-
2 word program time
VCC1 = 3.3 V, Topr = 25°C
300
4000
μs
-
Lock bit program time
VCC1 = 3.3 V, Topr = 25°C
140
3000
μs
-
Block erase time
VCC1 = 3.3 V, Topr = 25°C
0.2
3.0
s
-
Program, erase voltage
2.7
5.5
V
-
Read voltage
2.7
5.5
V
-
Program, erase temperature
−20/−40
85
°C
tPS
Flash memory circuit stabilization wait time
50
μs
-
Data hold time (6)
Ambient temperature = 55
°C
20
year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com