| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AMTP32M bảng dữ liệu(PDF) 5 Page - Aplus Intergrated Circuits |
|
|
|||||||||||||||||||||||||||||
AMTP32M bảng dữ liệu(HTML) 5 Page - Aplus Intergrated Circuits |
|
5 / 30 page ![]() Integrated Circuits Inc. aMTPxxM Series Ver 1.1 5/30 12/16/2014 Key Trigger Mode Support simple random voice trigger. Can play up to 31 voice section by key combination. It also provides a BUSY output, the BUSY pin will output VIH when voice playing. When Section Option pin is VIL, up to 31 Voice Sections can be triggered by 6 TG pins showing at Table 1 . Section Option pin default is VIL. Pin Defined Pin Name PB0 PB1 PB2 PB3 Description TG TG TG TG Pin Name PD0 PD1 PD2 Description BUSY TG TG |