công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMTP32M bảng dữ liệu(PDF) 9 Page - Aplus Intergrated Circuits

tên linh kiện AMTP32M
Giải thích chi tiết về linh kiện  APLUS INTEGRATED CIRCUITS INC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  APLUS [Aplus Intergrated Circuits]
Trang chủ  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AMTP32M bảng dữ liệu(HTML) 9 Page - Aplus Intergrated Circuits

Back Button AMTP32M Datasheet HTML 5Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 6Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 7Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 8Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 9Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 10Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 11Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 12Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 13Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Integrated Circuits Inc.
aMTPxxM Series
Ver 1.1
9/30
12/16/2014
CPU Parallel Mode
Summary
Support up to 32 voice section random play by 5 Addr pins and a TG pin. User assign voice section
by Addr pins, and voice will play when TG pin rising edge. It also provides a BUSY output, the
BUSY pin will output VIH when voice playing.
Pin Defined
Pin Name
PB0
PB1
PB2
PB3
Description
Addr[0]
Addr[1]
Addr[2]
Addr[3]
Pin Name
PD0
PD1
PD2
Description
BUSY
Addr[4]
Trigger
P.S.
1. Addr[0] ~ Addr[4] are Section number in binary digit.
2. Addr[0] is the LSB (least signification bit), Addr[4] is the MSB (most signification bit).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30