| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AMTP32M bảng dữ liệu(PDF) 23 Page - Aplus Intergrated Circuits |
|
|
|||||||||||||||||||||||||||||
AMTP32M bảng dữ liệu(HTML) 23 Page - Aplus Intergrated Circuits |
|
23 / 30 page ![]() Integrated Circuits Inc. aMTPxxM Series Ver 1.1 23/30 12/16/2014 Using 4.5V Battery And Key Trigger With DAC Driver Speaker Note 1. PB0, PB1, PB2, PB3, PD1, PD2 are trigger pins (input). 2. PD0 is busy pin (output). 3. C1, C2 and C3 must be connected directly on the VDD, VDDA, VDDB and VSS, VSSA, VSSB pins of the chip. 4. R1 is optional for fast discharge of C1, C2, C3 and Crst when power off. |