| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AMTP32M bảng dữ liệu(PDF) 27 Page - Aplus Intergrated Circuits |
|
|
|||||||||||||||||||||||||||||
AMTP32M bảng dữ liệu(HTML) 27 Page - Aplus Intergrated Circuits |
|
27 / 30 page ![]() Integrated Circuits Inc. aMTPxxM Series Ver 1.1 27/30 12/16/2014 MP3 Mode Using 4.5V Battery And MP3 Mode Trigger With DAC Driver Speaker Note 1. PB0 is forward pin (input). 2. PB1 is play / pause pin (input). 3. PB2 is backward pin (input). 4. PD1 is repeat enable option pin (input). 5. PD2 is repeat mode select pin (input). 6. PD0 is busy pin (output). 7. C1, C2 and C3 must be connected directly on the VDD, VDDA, VDDB and VSS, VSSA, VSSB pins of the chip. 8. R1 is optional for fast discharge of C1, C2, C3 and Crst when power off. |