| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GMS81032 bảng dữ liệu(PDF) 63 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS81032 bảng dữ liệu(HTML) 63 Page - Hynix Semiconductor |
|
63 / 101 page ![]() 4 - 25 4.2.4 Timer2 Timer2 operates as a up-counter. The content of T2DR are compared with the contents of up-counter. If a match is found. Timer2 interrupt (IFT2) is generated and the up-counter is cleared to ¡È00H¡È. Therefore, Timer2 executes as a interval timer. Interrupt period is determined by the count source clock for the Timer2 and content of T2DR. When T2ST is set to 1, count value of Timer 2 is cleared and starts counting- cup. For clearing and starting the Timer2. T2ST have to set to ¡È1¡È after set to ¡È0¡È. In order to write a value directly into the T2DR, T2ST should be set to ¡È0¡È. Count value of Timer2 can be read at any time. Fig. 4. 14 Operation of Timer2 Concurrence Concurrence Concurrence CLEAR CLEAR CLEAR 0 T2 Data Registers Value T2 Value INTERRUPT INTERRUPT INTERRUPT Interval period IFT0 Chapter 4. Peripheral Hardware |