công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GMS81032 bảng dữ liệu(PDF) 27 Page - Hynix Semiconductor

tên linh kiện GMS81032
Giải thích chi tiết về linh kiện  8-BIT SINGLE CHIP MICROCOMPUTERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HYNIX [Hynix Semiconductor]
Trang chủ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81032 bảng dữ liệu(HTML) 27 Page - Hynix Semiconductor

Back Button GMS81032 Datasheet HTML 23Page - Hynix Semiconductor GMS81032 Datasheet HTML 24Page - Hynix Semiconductor GMS81032 Datasheet HTML 25Page - Hynix Semiconductor GMS81032 Datasheet HTML 26Page - Hynix Semiconductor GMS81032 Datasheet HTML 27Page - Hynix Semiconductor GMS81032 Datasheet HTML 28Page - Hynix Semiconductor GMS81032 Datasheet HTML 29Page - Hynix Semiconductor GMS81032 Datasheet HTML 30Page - Hynix Semiconductor GMS81032 Datasheet HTML 31Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 101 page
background image
2 - 4
2.1.4.5 PUSH A(X, Y, PSW)
M(SP) ¡ç A
SP ¡ç SP - 1
2.1.4.6 POP A(X, Y, PSW)
SP ¡ç SP + 1
A ¡ç M(SP)
2.1.5 PC (Program Counter)
- Program counter is a 16-bit counter consisted of 8-bit register PCH and PCL.
- Addressing space is 64K bytes.
2.1.6 PSW (Program Status Word)
- PSW is an 8-bit register.
- Consisted of the flags showing the post state of operation and the flags determining
the CPU operation, initialized as 00H in reset state.
2.1.7 Flag register.
2.1.7.1 Carry flag (C)
- After operation, set when there is a carry from bit7 of ALU or there is not a borrow.
- Set by SETC and clear by CLRC.
- Executable as 1-bit accumulator.
- Branch condition flag of BCS, BCC.
2.1.7.2 Zero flag (Z)
- After operation also including 16-bit operatiion, set if the result is ¡È0¡È
- Branch condition flag of BEQ, BNE.
2.1.7.3 Interrupt enable flag (I)
- Master enable flag of interrupt except for RST (reset).
- Set and cleared by EI, DI
Chapter 2. Function Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More