| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ML7344J bảng dữ liệu(PDF) 113 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML7344J bảng dữ liệu(HTML) 113 Page - List of Unclassifed Manufacturers |
|
113 / 151 page ![]() FEDL7344C/E/J-04 ML7344C/E/J 113/151 (4) Automatic TX (less than 64 byte) If AUTO_TX_EN([RF_STATUS_CTRL: B0 0x0A(4)]=0b1, TX starts automatically when FIFO is filled with data equivalent to the Langth. Afer TX completion, RFstate transition setting is by TXDONE_MODE ([RF_STATUS_CTRL: B0 0x0A(1-0)]). START Write TX data [WR_TX_FIFO:B0 0x7C] Automatic TX setting [RF_STATUS_CTRL:B0 0x0A] TX data request accept completion (INT[17])? [INT_SOURCE_GRP3: B0 0x0F(1)] No Yes TX completion (INT[16])? [INT_SOURCE_GRP3: B0 0x0F(0)] No Yes No INT[16] and [INT17] clear [INT_SOURCE_GRP3: B0 0x0F]) Next packet TX ? Yes TRX_OFF issue [RF_STATUS: B0 0x0B] Write TX data [WR_TX_FIFO:B0 0x7C] RX? No RX_ON issue [RF_STATUS: B0 0x0B] Yes Set RXON after TX completion? [RF_STATUS_CTRL:B0 0x0A] Yes No Set TRXOFF/SLEEP after TX? [RF_STATUS_CTRL:B0 0x0A] Yes No To RF state transition wait flow To RF state transition wait flow To RF state transition wait and RX flow ●When data equivalent to Length is written to FIFO, TX starts automatically. ●Please refer to RF state transition wait flow. |