| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ML7344J bảng dữ liệu(PDF) 87 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML7344J bảng dữ liệu(HTML) 87 Page - List of Unclassifed Manufacturers |
|
87 / 151 page ![]() FEDL7344C/E/J-04 ML7344C/E/J 87/151 Interrupt notice Reference point Timing From reference point to interrupt generation or interrupt generation timing INT[22] General purpose timer 1 completion Timer start General purpose timer 1 completion General purpose timer clock cycle * Division setting [GT_CLK_SET: B0 0x33] * general purpose timer interval setting [GT1_TIMER:B0 0x34] For details, please refer to the “General purpose timer”. INT[23] General purpose timer 2 completion Timer start General purpose timer 2 completion General purpose timer clock cycle * Division setting [GT_CLK_SET: B0 0x33] * general purpose timer interval setting [GT2_TIMER:B0 0x35] For details, please refer to the “General purpose timer”. (3) Clearing interrupt condition The following table shows the condition of clearing each intereupt. As a procedure to clear the interrup, it is recommended that the interrupt to be cleared after masking the interrupt. Interrupt notification Conditions for clearing interrupts INT[0] CLK stabilization completion After interrupt generated INT[1] VCO calibration completion After interrupt generated INT[2] PLL unlock or VCO CAL request After interrupt generated INT[3] RF state transition completion After interrupt generated INT[4] FIFO-Empty After interrupt generated (must clear before next FIFO-Empty trigger timing) INT[5] FIFO-Full After interrupt generated (must clear before next FIFO-Full trigger timing) INT[6] Wake-up timer completion After interrupt generated INT[7] Clock calibration completion After interrupt generated INT[8] RX completion After interrupt generated INT[9] CRC error After interrupt generated INT[10] Reserved - INT[11] RX Length error After interrupt generated INT[12] RX FIFO access error After interrupt generated INT[13] SyncWord detection After interrupt generated INT[14] Field checking After interrupt generated INT[15] Sync error After interrupt generated INT[16/] TX completion After interrupt generated INT[17] TX Data request accept completion After interrupt generated INT[18] CCA completion After interrupt generated Note: Clearing interrupt erase CCA result as well. INT[19] TX Length error After interrupt generated INT[20] TX FIFO access error After interrupt generated INT[21] Reserved - INT[22] General purpose timer 1 After interrupt generated INT[23] General purpose timer 2 After interrupt generated |