công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1258IPHPREP bảng dữ liệu(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1258IPHPREP
Giải thích chi tiết về linh kiện  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1258IPHPREP bảng dữ liệu(HTML) 14 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 10Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 11Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 12Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 13Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 14Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 15Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 16Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 17Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AIN8
AIN9
AIN10
AIN11
AIN12
AIN13
AIN14
AIN15
AINCOM
Control
Logic
VREFP
VREFN
AVSS
PLLCAP
XTAL1
XTAL2
DRDY
PWDN
RESET
START
SPI
Interface
CS
SCLK
DIN
DOUT
Digital Filter
Clock Control
16−Channel
MUX
AVDD
Sensor
Bias
MUXOUTP MUXOUTN
ADCINP
GND
ADCINN
ADC Channel Control
Supply Monitor
GPIO
GPIO[7:0]
DVDD
Temperature
Ext Ref Monitor
Internal Ref
ADC
CLKSEL
CLKIO
ADS1258-EP
SBAS445D
– MARCH 2009 – REVISED MARCH 2011
www.ti.com
OVERVIEW
The ADS1258 is a flexible, 24-bit, low-noise ADC
VIN = (ADCINP – ADCINN), against the differential
optimized
for
fast
multi-channel,
high-resolution
reference input, VREF = (VREFP – VREFN). The
measurement systems. The converter provides a
digital
filter
receives
the
modulator
signal
and
maximum channel scan rate of 23.7kSPS, providing a
provides a low-noise digital output. The ADC channel
complete 16-channel scan in less than 700
μs.
block controls the multiplexer Auto-Scan feature.
Channel Auto-Scan occurs at a maximum rate of
Figure 34 shows the block diagram of the ADS1258.
23.7kSPS. Slower scan rates can be used with
The input multiplexer selects the analog input pins
corresponding increases in resolution.
connected
to
the
multiplexer
output
pins
(MUXOUTP/MUXOUTN). External signal conditioning
Communication is handled over an SPI-compatible
can be used between the multiplexer output pins and
serial interface with a set of simple commands
the
ADC
input
pins
(ADCINP/ADCINN)
or
the
providing control of the ADS1258. Onboard registers
multiplexer output can be routed internally to the ADC
store the various settings for the input multiplexer,
inputs without external circuitry. Selectable current
sensor detect bias, data rate selection, etc. Either an
sources within the input multiplexer can be used to
external 32.768kHz crystal, connected to pins XTAL1
bias sensors or detect for a failed sensor. On-chip
and XTAL2, or an external clock applied to pin CLKIO
system
function
readings
provide
readback
of
can be used as the clock source. When using the
temperature, supply voltage, gain, offset, and external
external
crystal
oscillator,
the
system
clock
is
reference.
available as an output for driving other devices or
controllers.
General-purpose
digital
I/Os
(GPIO)
The ADS1258 converter comprises a fourth-order,
provide input and output control of eight pins.
delta-sigma modulator followed by a programmable
digital
filter.
The
modulator
measures
the
differential
input
signal,
Figure 34. ADS1258 Block Diagram
14
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com