công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1258IPHPREP bảng dữ liệu(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1258IPHPREP
Giải thích chi tiết về linh kiện  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1258IPHPREP bảng dữ liệu(HTML) 31 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 27Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 28Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 29Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 30Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 31Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 32Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 33Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 34Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 59 page
background image
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
NOTES: (1)OptionalforAuto-Scanmode,disabledforFixed-Channelmode.SeeTable13,StatusByte.
(2)Afterthechanneldatareadoperation,
mustbetoggledoranSPItimeoutmustoccurbeforesendingcommands.
(3)NoSCLKactivity.
CS
(3)
DRDY
CS
SCLK
DOUT
DIN
(holdinactive)
StatusByte
(1)
DataByte1(MSB)
DataByte3(MSB)
(2)
ADS1258-EP
www.ti.com
SBAS445D
– MARCH 2009 – REVISED MARCH 2011
write operations in progress will terminate and the
may be read at any time without concern to DRDY.
SPI interface resets. This timeout feature can be
The NEW bit of the STATUS byte indicates that the
used to recover lost communication when a serial
data register has been refreshed with new converter
interface transmission is interrupted or inadvertently
data since the last read operation. The data is shifted
glitched.
out MSB first after the STATUS byte.
It should be noted that on system power-up, if the
Data Input (DIN) and Data Output (DOUT)
ADS1258 interface signals are floating or undefined,
Operation
the interface could wake in an unknown state. This
The data input pin (DIN) is used to input data to the
condition is remedied by resetting the interface in
ADS1258. The data output pin (DOUT) is used to
three ways: toggle the RESET pin low then high;
output data from the ADS1258. Data on DIN is shifted
toggle the CS pin high then low; or hold SCLK
into the converter on the rising edge of SCLK while
inactive for 218 + 4096 fCLK cycles.
data is shifted out on DOUT on the falling edge of
SCLK. DOUT is tri-stated when CS is high to allow
Channel Data Read Direct
multiple devices to share the line.
Channel data can be accessed from the ADS1258 in
two ways: Direct data read or data read with register
SPI Bus Sharing
format. With Direct read, the DIN input pin is held
The ADS1258 can be connected to a shared SPI bus.
inactive (high or low) for at least the first three SCLK
DOUT tri-states when CS is deselected (high). When
transitions. When the first three bits are 000 or 111,
the ADS1258 is connected to a shared bus, data can
the device detects a direct data read and channel
be read only by the Channel Data Read command
data is output. After the device defects this read
format.
format, commands are ignored until either CS is
toggled, an SPI timeout occurs or the device is reset.
COMMUNICATION PROTOCOL
The Channel Data Read command does not have
this requirement.
Communicating to the ADS1258 involves shifting data
into the device (via the DIN pin) or shifting data out of
Concurrent with the first SCLK transition, channel
the device (via the DOUT pin) under control of the
data is output on the DOUT output pin. A total of 24
SCLK input.
or 32 SCLK transitions complete the data read
operation. The number of shifts depend on whether
Reading DATA
the status byte is enabled. The data must be
completely shifted out before the next occurrence of
DRDY goes low to indicate that new conversion data
DRDY or the remaining data will be corrupted. It is
is ready. The data may be read via a direct data read
recommended to monitor DRDY to synchronize the
(Channel Data Read Direct) or the data may be read
start of the read operation to avoid data corruption.
in a register format (Channel Data Read Register). A
Before DRDY asserts low, the MSB of the Status byte
direct data read requires the data to be read before
or the MSB of the data is output on DOUT (CS = '0'),
the next occurrence of DRDY or the data will be
as shown in Figure 58. In this format, reading the
corrupted.
This
type
of
data
read
requires
data a second time within the same DRDY frame
synchronization with DRDY to avoid this conflict.
returns data = 0.
When reading data in the register format, the data
Figure 58. Channel Data Read Direct (No Command)
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com