công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1258IPHPREP bảng dữ liệu(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1258IPHPREP
Giải thích chi tiết về linh kiện  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1258IPHPREP bảng dữ liệu(HTML) 43 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 39Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 40Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 41Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 42Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 43Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 44Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 45Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 46Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
ADS1258-EP
www.ti.com
SBAS445D
– MARCH 2009 – REVISED MARCH 2011
f.
Clock Source: The ADS1258 requires a clock
interface
can
be
operated
in
a
minimum
signal for operation. The clock can originate from
configuration without the use of CS (tie CS low;
either the crystal oscillator or from an external
see the Serial Interface and Communication
clock source. The internal oscillator uses a PLL
Protocol sections).
circuit and an external 32.768-kHz crystal to
j.
GPIO:
The
ADS1258
has
eight,
user-
generate a 15.7-MHz master clock. The PLL
programmable digital I/O pins. These pins are
requires a 22-nF capacitor from the PLLCAP pin
controlled
by
register
settings.
The
register
to AVSS. The crystal and load capacitors should
setting is default to inputs. If these pins are not
be placed close to the pins as possible and kept
used, tie them high or low (do not float input pins)
away from other traces with AC components. A
or configure them as outputs.
buffered output of the 15.7-MHz clock can be
k. QFN Package: See Application Report SLUA271,
used to drive other converters or controllers. An
QFN/SON PCB Attachment for PCB layout
external clock source can be used up to 16 MHz.
recommendations,
available
for
download
at
For best performance, the clock of the SPI
www.ti.com. The exposed thermal pad of the
interface controller and the converter itself should
ADS1258 should be connected electrically to
be on the same domain. This configuration
AVSS.
requires that the ratio of the SCLK to device clock
must be limited to 1,1/2,1/4, 1/8, etc.
CONFIGURATION GUIDE
g. Digital Inputs: It is recommended to source
Configuration of the ADS1258 involves setting the
terminate the digital inputs and outputs of the
configuration registers via the SPI interface. After the
device with a 50-
Ω (typical) series resistor. The
device is configured for operation, channel data is
resistors should be placed close to the driving
read from the device through the same SPI interface.
end of the source (output pins, oscillator, logic
The
following
is
a
suggested
procedure
for
gates, DSP, etc). This placement helps to reduce
configuring the device:
the ringing and overshoot on the digital lines.
1. Reset the SPI Interface: Before using the SPI
h. Hardware Pins: START, DRDY, RESET, and
interface, it may be necessary to recover the SPI
PWDN. These pins allow direct pin control of the
interface. To reset the interface, set CS high or
ADS1258. The equivalent of the START and
disable SCLK for 4096 (256) fCLK cycles.
DRDY pins is provided via commands through
the SPI interface; these pins may be left unused.
2. Stop the Converter: Set the START pin low to
The device also has a RESET command. The
stop the converter. Although not necessary for
PWDN pin places the ADC into very low-power
configuration, this command stops the channel
state
where
the
device
is
inactive.
scanning sequence which then points to the first
channel after configuration.
i.
SPI
Interface:
The
ADS1258
has
an
SPI-compatible interface. This interface consists
3. Reset the Converter: The reset pin can be
of four signal lines: SCLK, DIN, DOUT, and CS.
pulsed low or a Reset command can be sent.
When CS is high, the DIN input is ignored and
Although not necessary for configuration, reset
the DOUT output tri-states. See Chip Select
re-initializes the device into a known state.
(CS
) for more details. The SPI
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com