công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1258IPHPREP bảng dữ liệu(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1258IPHPREP
Giải thích chi tiết về linh kiện  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1258IPHPREP bảng dữ liệu(HTML) 37 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 33Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 34Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 35Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 36Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 37Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 38Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 39Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 40Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
ADS1258-EP
www.ti.com
SBAS445D
– MARCH 2009 – REVISED MARCH 2011
REGISTERS
Table 12. Register Map
ADDRESS
REGISTER
DEFAULT
Bits A[3:0]
NAME
VALUE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
00h
CONFIG0
0Ah
0
SPIRST
MUXMOD
BYPAS
CLKENB
CHOP
STAT
0
01h
CONFIG1
83h
IDLMOD
DLY2
DLY1
DLY0
SBCS1
SBCS0
DRATE1
DRATE0
02h
MUXSCH
00h
AINP3
AINP2
AINP1
AINP0
AINN3
AINN2
AINN1
AINN0
03h
MUXDIF
00h
DIFF7
DIFF6
DIFF5
DIFF4
DIFF3
DIFF2
DIFF1
DIFF0
04h
MUXSG0
FFh
AIN7
AIN6
AIN5
AIN4
AIN3
AIN2
AIN1
AIN0
05h
MUXSG1
FFh
AIN15
AIN14
AIN13
AIN12
AIN11
AIN10
AIN9
AIN8
06h
SYSRED
00h
0
0
REF
GAIN
TEMP
VCC
0
OFFSET
07h
GPIOC
FFh
CIO7
CIO6
CIO5
CIO4
CIO3
CIO2
CIO1
CIO0
08h
GPIOD
00h
DIO7
DIO6
DIO5
DIO4
DIO3
DIO2
DIO1
DIO0
09h
ID
8Bh
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
CONFIG0: CONFIGURATION REGISTER 0 (Address = 00h)
7
6
5
4
3
2
1
0
0
SPIRST
MUXMOD
BYPAS
CLKENB
CHOP
STAT
0
Default = 0Ah.
Bit 7
Must be 0 (default)
Bit 6
SPIRST SPI Interface Reset Timer
This bit sets the number of fCLK cycles in which SCLK is inactive the SPI interface will reset. This
places a lower limit on the frequency of SCLK in which to read or write data to the device. The SPI
interface only is reset and not the device itself. When the SPI interface is reset, it is ready for a new
command.
0 = Reset when SCLK inactive for 4096fCLK cycles (256µs, fCLK = 16MHz) (default).
1 = Reset when SCLK inactive for 256fCLK cycles (16µs, fCLK = 16MHz).
Bit 5
MUXMOD
This bit sets either the Auto-Scan or Fixed-Channel mode of operation.
0 = Auto-Scan Mode (default)
In Auto-Scan mode, the input channel selections are eight differential channels (DIFF0
–DIFF7) and 16
single-ended channels (AIN0
–AIN15). Additionally, five internal monitor readings can be selected.
These selections are made in registers MUXDIF, MUXSG0, MUXSG1, and SYSRED. In this mode,
settings in register MUXSCH have no effect. See the Auto-Scan Mode section for more details.
1 = Fixed-Channel Mode
In Fixed-Channel mode, any of the analog input channels may be selected for the positive
measurement and the negative measurement channels. The inputs are selected in register MUXSCH.
In this mode, registers MUXDIF, MUXSG0, MUXSG1, and SYSRED have no effect. Note that it is not
possible to select the internal monitor readings in this mode.
Bit 4
BYPAS
This bit selects either the internal or external connection from the multiplexer output to the ADC input.
0 = ADC inputs use internal multiplexer connection (default).
1 = ADC inputs use external ADC inputs (ADCINP and ADCINN).
Note that the Temperature, VCC, Gain, and Reference internal monitor readings automatically use the
internal connection, regardless of the BYPAS setting. The Offset reading uses the setting of BYPAS.
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com