công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1258IPHPREP bảng dữ liệu(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1258IPHPREP
Giải thích chi tiết về linh kiện  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1258IPHPREP bảng dữ liệu(HTML) 36 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 32Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 33Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 34Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 35Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 36Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 37Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 38Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 39Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
ADS1258-EP
SBAS445D
– MARCH 2009 – REVISED MARCH 2011
www.ti.com
COMMAND AND REGISTER DEFINITIONS
Commands are used to read channel data, access the configuration registers, and control the conversion
process. If the command is a register read or write operation, one or more data bytes follow the command byte.
If bit MUL = 1 in the command byte, then multiple registers can be read or written in one command operation
(see the MUL bit). Commands can be sent back-to-back without toggling CS; however, after a channel Data
Read Direct operation, CS must be toggled or an SPI timeout must occur before sending a command. The data
read by command does not require CS to be toggled.
The command byte consists of three fields: the Command Bits(C[2:0]), multiple register access bit (MUL), and
the Register Address Bits (A[3:0]); see the Command Byte register.
Command Byte
7
6
5
4
3
2
1
0
C2
C1
C0
MUL
A3
A2
A1
A0
Bits C[2:0]
— Command Bits
These bits code the command within the command byte.
C[2:0]
DESCRIPTION
COMMENTS
000
Channel Data Read Direct (no command)
Toggle CS or allow SPI timeout before sending command
001
Channel Data Read Command (register format)
Set MUL = 1; status byte always included in data
010
Register Read Command
011
Register Write Command
100
Pulse Convert Command
MUL, A[3:0] are don't care
101
Reserved
110
Reset Command
MUL, A[3:0] don't care
111
Channel Data Read Direct (no command)
Toggle CS or allow SPI timeout before sending command
Bit 4 MUL: Multiple Register Access
0 = Disable Multiple Register Access
1 = Enable Multiple Register Access
This bit enables the multiple register access. This option allows writing or reading more than one register in a
single command operation. If only one register is to be read or written, set MUL = '0'. For multiple register
access, set MUL = '1'. The read or write operation begins at the addressed register. The ADS1258 automatically
increments the register address for each register data byte subsequently read or written. The multiple register
read or write operations complete after register address = 09h (device ID register) has been accessed.
The multiple register access is terminated in one of three ways:
1. The user takes CS high. This action resets the SPI interface.
2. The user holds SCLK inactive for 4096 fCLK cycles. This action resets the SPI interface.
3. Register address = 09h has been accessed. This completes the command and the ADS1258 is then ready
for a new command. Note for the Channel Data Read command, this bit must be set to read the four data
bytes (one status byte and three data bytes).
A[3:0] Register Address Bits
These bits are the register addresses for a register read or write operation; see Table 12.
36
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com