công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HBCA123JS6R bảng dữ liệu(PDF) 8 Page - Cystech Electonics Corp.

tên linh kiện HBCA123JS6R
Giải thích chi tiết về linh kiện  PNP and NPN Dual Digital Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYSTEKEC [Cystech Electonics Corp.]
Trang chủ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

HBCA123JS6R bảng dữ liệu(HTML) 8 Page - Cystech Electonics Corp.

  HBCA123JS6R Datasheet HTML 1Page - Cystech Electonics Corp. HBCA123JS6R Datasheet HTML 2Page - Cystech Electonics Corp. HBCA123JS6R Datasheet HTML 3Page - Cystech Electonics Corp. HBCA123JS6R Datasheet HTML 4Page - Cystech Electonics Corp. HBCA123JS6R Datasheet HTML 5Page - Cystech Electonics Corp. HBCA123JS6R Datasheet HTML 6Page - Cystech Electonics Corp. HBCA123JS6R Datasheet HTML 7Page - Cystech Electonics Corp. HBCA123JS6R Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C156S6R
Issued Date : 2013.08.23
Revised Date : 2013.09.04
Page No. : 8/8
HBCA123JS6R
CYStek Product Specification
SOT-363 Dimension
Marking:
Date Code:
Year + Month
Year : 6→2006,
7→2007,…, etc
Month : 1→Jan
→
Feb, …, 9→
Sep, A→Oct, B
→
Nov, C→Dec
Millimeters
Inches
Millimeters
Inches
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.900
1.100
0.035
0.043
E1
2.150
2.450
0.085
0.096
A1
0.000
0.100
0.000
0.004
e
0.650 TYP
0.026 TYP
A2
0.900
1.000
0.035
0.039
e1
1.200
1.400
0.047
0.055
b
0.150
0.350
0.006
0.014
L
0.525 REF
0.021 REF
c
0.080
0.150
0.003
0.006
L1
0.260
0.460
0.010
0.018
D
2.000
2.200
0.079
0.087
θ
0°
8°
0°
8°
E
1.150
1.350
0.045
0.053
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : Pure tin plated.
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
6-Lead SOT-363R Plastic
Surface Mounted Package
CYStek Package Code: S6R
Style:
Pin 1. Emitter1 (E1)
Pin 2. Base1 (B1)
Pin 3. Collector2 (C2)
Pin 4. Emitter2 (E2)
Pin 5. Base2 (B2)
ctor1 (C1)
Pin 6. Colle
Device
Code
35
2



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com