| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8347ECZUALDB bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8347ECZUALDB bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc |
|
11 / 99 page ![]() MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12 Freescale Semiconductor 11 Power Characteristics TBGA 333 333 2.0 3.0 3.2 W 166 1.8 2.8 2.9 W 400 266 2.1 3.0 3.3 W 133 1.9 2.9 3.1 W 450 300 2.3 3.2 3.5 W 150 2.1 3.0 3.2 W 500 333 2.4 3.3 3.6 W 166 2.2 3.1 3.4 W 533 266 2.4 3.3 3.6 W 133 2.2 3.1 3.4 W 6675,6 333 3.5 4.6 5 W 1 The values do not include I/O supply power (OV DD, LVDD, GVDD) or AVDD. For I/O power values, see Table 5. 2 Typical power is based on a voltage of V DD = 1.2 V, a junction temperature of TJ = 105°C, and a Dhrystone benchmark application. 3 Thermal solutions may need to design to a value higher than typical power based on the end application, T A target, and I/O power. 4 Maximum power is based on a voltage of V DD = 1.2 V, worst case process, a junction temperature of TJ = 105°C, and an artificial smoke test. 5 Typical power is based on a voltage of V DD = 1.3 V, a junction temperature of TJ = 105°C, and a Dhrystone benchmark application. 6 Maximum power is based on a voltage of V DD = 1.3 V, worst case process, a junction temperature of TJ = 105°C, and an artificial smoke test. Table 4. MPC8347EA Power Dissipation1 (continued) Core Frequency (MHz) CSB Frequency (MHz) Typical at TJ = 65 Typical2 ,3 Maximum4 Unit |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |