| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8347ECZUALDB bảng dữ liệu(PDF) 33 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8347ECZUALDB bảng dữ liệu(HTML) 33 Page - Freescale Semiconductor, Inc |
|
33 / 99 page ![]() MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12 Freescale Semiconductor 33 Ethernet: Three-Speed Ethernet, MII Management 8.3.2 MII Management AC Electrical Specifications Table 34 provides the MII management AC timing specifications. Input high current IIH VIN 1 = LV DD —10 μA Input low current IIL VIN = LVDD –15 — μA Note: 1. The symbol VIN, in this case, represents the LVIN symbol referenced in Table 1 and Table 2. Table 33. MII Management DC Electrical Characteristics Powered at 3.3 V Parameter Symbol Conditions Min Max Unit Supply voltage (3.3 V) LVDD — 2.97 3.63 V Output high voltage VOH IOH = –1.0 mA LVDD = Min 2.10 LVDD +0.3 V Output low voltage VOL IOL = 1.0 mA LVDD = Min GND 0.50 V Input high voltage VIH —2.00 — V Input low voltage VIL — — 0.80 V Input high current IIH LVDD = Max VIN 1 = 2.1 V — 40 μA Input low current IIL LVDD = Max VIN = 0.5 V –600 — μA Note: 1. The symbol VIN, in this case, represents the LVIN symbol referenced in Table 1 and Table 2. Table 34. MII Management AC Timing Specifications At recommended operating conditions with LVDD is 3.3 V ± 10% or 2.5 V ± 5%. Parameter/Condition Symbol1 Min Typ Max Unit Notes MDC frequency fMDC —2.5 — MHz 2 MDC period tMDC —400 — ns — MDC clock pulse width high tMDCH 32 — — ns — MDC to MDIO delay tMDKHDX 10 — 70 ns 3 MDIO to MDC setup time tMDDVKH 5— — ns — MDIO to MDC hold time tMDDXKH 0— — ns — MDC rise time tMDCR — — 10 ns — Table 32. MII Management DC Electrical Characteristics Powered at 2.5 V (continued) Parameter Symbol Conditions Min Max Unit |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |