| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8347ECZUALDB bảng dữ liệu(PDF) 26 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8347ECZUALDB bảng dữ liệu(HTML) 26 Page - Freescale Semiconductor, Inc |
|
26 / 99 page ![]() MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12 26 Freescale Semiconductor Ethernet: Three-Speed Ethernet, MII Management Figure 10 shows the GMII receive AC timing diagram. G Figure 10. GMII Receive AC Timing Diagram 8.2.2 MII AC Timing Specifications This section describes the MII transmit and receive AC timing specifications. 8.2.2.1 MII Transmit AC Timing Specifications Table 27 provides the MII transmit AC timing specifications. RX_CLK clock rise (20%–80%) tGRXR —— 1.0 ns RX_CLK clock fall time (80%–20%) tGRXF —— 1.0 ns Note: 1. The symbols for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tGRDVKH symbolizes GMII receive timing (GR) with respect to the time data input signals (D) reaching the valid state (V) relative to the tRX clock reference (K) going to the high state (H) or setup time. Also, tGRDXKL symbolizes GMII receive timing (GR) with respect to the time data input signals (D) went invalid (X) relative to the tGRX clock reference (K) going to the low (L) state or hold time. In general, the clock reference symbol is based on three letters representing the clock of a particular function. For example, the subscript of tGRX represents the GMII (G) receive (RX) clock. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F (fall). Table 27. MII Transmit AC Timing Specifications At recommended operating conditions with LVDD/OVDD of 3.3 V ± 10%. Parameter/Condition Symbol1 Min Typ Max Unit TX_CLK clock period 10 Mbps tMTX —400 — ns TX_CLK clock period 100 Mbps tMTX —40— ns TX_CLK duty cycle tMTXH/tMTX 35 — 65 % TX_CLK to MII data TXD[3:0], TX_ER, TX_EN delay tMTKHDX 1 5 15 ns Table 26. GMII Receive AC Timing Specifications (continued) At recommended operating conditions with LVDD/OVDD of 3.3 V ± 10%. Parameter/Condition Symbol1 Min Typ Max Unit RX_CLK RXD[7:0] tGRDXKH tGRX tGRXH tGRXR tGRXF tGRDVKH RX_DV RX_ER |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |