| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8347ECZUALDB bảng dữ liệu(PDF) 28 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8347ECZUALDB bảng dữ liệu(HTML) 28 Page - Freescale Semiconductor, Inc |
|
28 / 99 page ![]() MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12 28 Freescale Semiconductor Ethernet: Three-Speed Ethernet, MII Management Figure 12 provides the AC test load for TSEC. Figure 12. TSEC AC Test Load Figure 13 shows the MII receive AC timing diagram. Figure 13. MII Receive AC Timing Diagram 8.2.3 TBI AC Timing Specifications This section describes the TBI transmit and receive AC timing specifications. RX_CLK clock rise (20%–80%) tMRXR 1.0 — 4.0 ns RX_CLK clock fall time (80%–20%) tMRXF 1.0 — 4.0 ns Note: 1. The symbols for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMRDVKH symbolizes MII receive timing (MR) with respect to the time data input signals (D) reach the valid state (V) relative to the tMRX clock reference (K) going to the high (H) state or setup time. Also, tMRDXKL symbolizes MII receive timing (GR) with respect to the time data input signals (D) went invalid (X) relative to the tMRX clock reference (K) going to the low (L) state or hold time. In general, the clock reference symbol is based on three letters representing the clock of a particular function. For example, the subscript of tMRX represents the MII (M) receive (RX) clock. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F (fall). Table 28. MII Receive AC Timing Specifications (continued) At recommended operating conditions with LVDD/OVDD of 3.3 V ± 10%. Parameter/Condition Symbol1 Min Typ Max Unit Output Z0 = 50 Ω OVDD/2 RL = 50 Ω RX_CLK RXD[3:0] tMRDXKH tMRX tMRXH tMRXR tMRXF RX_DV RX_ER tMRDVKH Valid Data |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |