| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSD813F2 bảng dữ liệu(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD813F2 bảng dữ liệu(HTML) 55 Page - STMicroelectronics |
|
55 / 128 page ![]() PSD8XXFX PLDS Doc ID 7833 Rev 7 55/128 If the Output macrocell (OMC) output is declared as an internal node and not as a port pin output in the PSDabel file, the port pin can be used for other I/O functions. The internal node feedback can be routed as an input to the AND Array. Figure 15. CPLD Output macrocell Obsolete Product(s) - Obsolete Product(s) |