công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI1520PDVG4 bảng dữ liệu(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCI1520PDVG4
Giải thích chi tiết về linh kiện  PC Card Controllers
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI1520PDVG4 bảng dữ liệu(HTML) 27 Page - Texas Instruments

Back Button PCI1520PDVG4 Datasheet HTML 23Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 24Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 25Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 26Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 27Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 28Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 29Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 30Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 139 page
background image
2−14
Table 2−9. PCI Interface Control Terminals
TERMINAL
NAME
NO.
I/O
DESCRIPTION
NAME
PDV
GHK
I/O
DESCRIPTION
DEVSEL
198
F07
I/O
PCI device select. The PCI1520 asserts DEVSEL to claim a PCI cycle as the target device. As a PCI initiator
on the bus, the PCI1520 monitors DEVSEL until a target responds. If no target responds before timeout
occurs, then the PCI1520 terminates the cycle with an initiator abort.
FRAME
194
E08
I/O
PCI cycle frame. FRAME is driven by the initiator of a bus cycle. FRAME is asserted to indicate that a bus
transaction is beginning, and data transfers continue while this signal is asserted. When FRAME is
deasserted, the PCI bus transaction is in the final data phase.
GNT
169
B13
I
PCI bus grant. GNT is driven by the PCI bus arbiter to grant the PCI1520 access to the PCI bus after the
current data transaction has completed. GNT may or may not follow a PCI bus request, depending on the PCI
bus parking algorithm.
IDSEL
183
E10
I
Initialization device select. IDSEL selects the PCI1520 during configuration space accesses. IDSEL can be
connected to one of the upper 24 PCI address lines on the PCI bus.
IRDY
196
B07
I/O
PCI initiator ready. IRDY indicates the ability of the PCI bus initiator to complete the current data phase of the
transaction. A data phase is completed on a rising edge of PCLK where both IRDY and TRDY are asserted.
Until IRDY and TRDY are both sampled asserted, wait states are inserted.
PERR
201
E07
I/O
PCI parity error indicator. PERR is driven by a PCI device to indicate that calculated parity does not match
PAR when PERR is enabled through bit 6 of the command register (PCI offset 04h, see Section 4.4).
REQ
170
A13
O
PCI bus request. REQ is asserted by the PCI1520 to request access to the PCI bus as an initiator.
SERR
202
C06
O
PCI system error. SERR is an output that is pulsed from the PCI1520 when enabled through bit 8 of the
command register (PCI offset 04h, see Section 4.4) indicating a system error has occurred. The PCI1520
need not be the target of the PCI cycle to assert this signal. When SERR is enabled in the command register,
this signal also pulses, indicating that an address parity error has occurred on a CardBus interface.
STOP
200
B06
I/O
PCI cycle stop signal. STOP is driven by a PCI target to request the initiator to stop the current PCI bus
transaction. STOP is used for target disconnects and is commonly asserted by target devices that do not
support burst data transfers.
TRDY
197
C07
I/O
PCI target ready. TRDY indicates the ability of the primary bus target to complete the current data phase of
the transaction. A data phase is completed on a rising edge of PCLK when both IRDY and TRDY are asserted.
Until both IRDY and TRDY are asserted, wait states are inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com