công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI1520PDVG4 bảng dữ liệu(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCI1520PDVG4
Giải thích chi tiết về linh kiện  PC Card Controllers
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI1520PDVG4 bảng dữ liệu(HTML) 47 Page - Texas Instruments

Back Button PCI1520PDVG4 Datasheet HTML 43Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 44Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 45Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 46Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 47Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 48Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 49Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 50Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 139 page
background image
3−12
in Figure 3−9. The end of a requested data transfer is indicated by a stop condition, which is signaled by a low-to-high
transition of SDA while SCL is in the high state, as shown in Figure 3−9. Data on SDA must remain stable during the
high state of the SCL signal, as changes on the SDA signal during the high state of SCL are interpreted as control
signals, that is, a start or a stop condition.
SDA
SCL
Start
Condition
Stop
Condition
Change of
Data Allowed
Data Line Stable,
Data Valid
Figure 3−9. Serial-Bus Start/Stop Conditions and Bit Transfers
Data is transferred serially in 8-bit bytes. The number of bytes that may be transmitted during a data transfer is
unlimited; however, each byte must be completed with an acknowledge bit. An acknowledge (ACK) is indicated by
the receiver pulling the SDA signal low, so that it remains low during the high state of the SCL signal. Figure 3−10
illustrates the acknowledge protocol.
SCL From
Master
123
78
9
SDA Output
By Transmitter
SDA Output
By Receiver
Figure 3−10. Serial-Bus Protocol Acknowledge
The PCI1520 is a serial bus master; all other devices connected to the serial bus external to the PCI1520 are slave
devices. As the bus master, the PCI1520 drives the SCL clock at nearly 100 kHz during bus cycles and places SCL
in a high-impedance state (zero frequency) during idle states.
Typically, the PCI1520 masters byte reads and byte writes under software control. Doubleword reads are performed
by the serial EEPROM initialization circuitry upon a PCI reset and may not be generated under software control. See
Section 3.6.3, Serial-Bus EEPROM Application, for details on how the PCI1520 automatically loads the subsystem
identification and other register defaults through a serial-bus EEPROM.
Figure 3−11 illustrates a byte write. The PCI1520 issues a start condition and sends the 7-bit slave device address
and the command bit zero. A 0 in the R/W command bit indicates that the data transfer is a write. The slave device
acknowledges if it recognizes the address. If no acknowledgment is received by the PCI1520, then an appropriate
status bit is set in the serial-bus control and status register (PCI offset B3h, see Section 4.48). The word address byte
is then sent by the PCI1520, and another slave acknowledgment is expected. Then the PCI1520 delivers the data
byte MSB first and expects a final acknowledgment before issuing the stop condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com