công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI1520PDVG4 bảng dữ liệu(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCI1520PDVG4
Giải thích chi tiết về linh kiện  PC Card Controllers
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI1520PDVG4 bảng dữ liệu(HTML) 63 Page - Texas Instruments

Back Button PCI1520PDVG4 Datasheet HTML 59Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 60Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 61Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 62Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 63Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 64Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 65Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 66Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 139 page
background image
4−2
A bit description table, typically included when a register contains bits of more than one type or purpose, indicates
bit field names, which appear in the signal column; a detailed field description, which appears in the function column;
and field access tags, which appear in the type column of the bit description table. Table 4−2 describes the field
access tags.
Table 4−2. Bit Field Access Tag Descriptions
ACCESS TAG
NAME
MEANING
R
Read
Field may be read by software.
W
Write
Field may be written by software to any value.
S
Set
Field may be set by a write of 1. Writes of 0 have no effect.
C
Clear
Field may be cleared by a write of 1. Writes of 0 have no effect.
U
Update
Field may be autonomously updated by the PCI1520.
4.2
Vendor ID Register
This 16-bit register contains a value allocated by the PCI Special Interest Group (SIG) and identifies the manufacturer
of the PCI device. The vendor ID assigned to TI is 104Ch.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Vendor ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
1
0
0
0
0
0
1
0
0
1
1
0
0
Register:
Vendor ID
Offset:
00h (functions 0, 1)
Type:
Read-only
Default:
104Ch
4.3
Device ID Register
This 16-bit register contains a value assigned to the PCI1520 by TI. The device identification for the PCI1520 is
AC55h.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Device ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
1
0
1
0
1
1
0
0
0
1
0
1
0
1
0
1
Register:
Device ID
Offset:
02h (functions 0, 1)
Type:
Read-only
Default:
AC55h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com