công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM3725CUS bảng dữ liệu(PDF) 260 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM3725CUS
Giải thích chi tiết về linh kiện  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CUS bảng dữ liệu(HTML) 260 Page - Texas Instruments

Back Button DM3725CUS Datasheet HTML 256Page - Texas Instruments DM3725CUS Datasheet HTML 257Page - Texas Instruments DM3725CUS Datasheet HTML 258Page - Texas Instruments DM3725CUS Datasheet HTML 259Page - Texas Instruments DM3725CUS Datasheet HTML 260Page - Texas Instruments DM3725CUS Datasheet HTML 261Page - Texas Instruments DM3725CUS Datasheet HTML 262Page - Texas Instruments DM3725CUS Datasheet HTML 263Page - Texas Instruments DM3725CUS Datasheet HTML 264Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 280 page
background image
SWPS038-097
mmcx_clk
mmcx_cmd
mmcx_dat[n:0]
HSSD5
HSSD5
HSSD6
HSSD6
HSSD1
HSSD2
HSSD2
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
Figure 6-74. MMC2 and MMC3 Interfaces
—High-Speed SDIO Mode—Data/Command Transmit(1)
(1) In mmcx, x = 2 or 3. In mmcx_dat[n:0], n is equal to 3 for mmc2 and 7 for mmc3.
6.6.8.1.8 MMC2 and MMC3 Interfaces
—Standard SDIO Mode
Table 6-131 and Table 6-132 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 5-89 and Figure 5-90).
Table 6-130. MMC2 and MMC3 Interfaces Timing Conditions
—Standard SDIO Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
10
ns
tF
Input signal fall time
10
ns
Output Condition
CLOAD
Output load capacitance(1)
5
pF
(1) Buffer strength configuration: SPEEDCTRL = 1
Table 6-131. MMC2 and MMC3 Interfaces Timing Requirements
—Standard SDIO Mode(2)(3)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
MMC2 and MMC3 Interface (1.8-V IO)
SD3
tsu(CMDV-CLKIH)
Setup time, mmcx_cmd valid before
3.3
21.9
ns
mmcx_clk rising clock edge
SD4
th(CLKIH-CMDIV)
Hold time, mmcx_cmd valid after mmcx_clk
18.1
36.7
ns
rising clock edge
SD7
tsu(DATxV-CLKIH)
Setup time, mmcx_dat[n:0](1) valid before
3.3
21.9
ns
mmcx_clk rising clock edge
SD8
th(CLKIH-DATxIV)
Hold time, mmcx_dat[n:0](1) valid after
18.1
36.7
ns
mmcx_clk rising clock edge
(1) In mmcx_dat[n:0], n is equal to 3 for MMC2 and 7 for MMC3.
(2) See Section 4.3.4, Processor Clocks.
(3) In mmcx, x is equal to 2 or 3.
Table 6-132. MMC2 and MMC3 Interfaces Switching Characteristics
—Standard SDIO Mode(6)(7)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
Standard SDIO Mode
SD1
tc(clk)
Frequency(1), output clock period
24
12
MHz
SD2
tW(clkH)
Typical pulse duration, output clock high
X(4) *
X(4) *
ns
PO(2)
PO(2)
SD2
tW(clkL)
Typical pulse duration, output clock low
Y(5) *
Y(5) *
ns
PO(2)
PO(2)
tdc(clk)
Duty cycle error, output clock
2083.33
4166.67
ps
260
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com