công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM3725CUS bảng dữ liệu(PDF) 262 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM3725CUS
Giải thích chi tiết về linh kiện  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CUS bảng dữ liệu(HTML) 262 Page - Texas Instruments

Back Button DM3725CUS Datasheet HTML 258Page - Texas Instruments DM3725CUS Datasheet HTML 259Page - Texas Instruments DM3725CUS Datasheet HTML 260Page - Texas Instruments DM3725CUS Datasheet HTML 261Page - Texas Instruments DM3725CUS Datasheet HTML 262Page - Texas Instruments DM3725CUS Datasheet HTML 263Page - Texas Instruments DM3725CUS Datasheet HTML 264Page - Texas Instruments DM3725CUS Datasheet HTML 265Page - Texas Instruments DM3725CUS Datasheet HTML 266Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 280 page
background image
SWPS038-099
mmc1_clk
mmc1_cmd
mmc1_dat[n:0]
SD1
SD2
SD5
SD6
SD5
SD6
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
Figure 6-76. MMC2 and MMC3 Interfaces
—Standard SDIO Mode—Data/Command Transmit(1)
(1) In mmcx, x is equal to 2 or 3. In mmcx_dat[n:0] is equal to 3 for MMC2 and 7 for MMC3.
6.6.8.1.9 MMC2 and MMC3 Interfaces
—Embedded Media Interface (eMMC)—High-Speed JC64 Mode
Table 6-134 and Table 6-135 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 6-77 through Figure 6-78).
Table 6-133. MMC2 and MMC3 Interfaces Timing Conditions
—High-Speed JC64 Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
MIN
MAX
Input Conditions
tR
Input signal rise time
0.38
3.82
ns
tF
Input signal fall time
0.39
3.68
ns
Output Condition
CLOAD
Output load capacitance(1)
14
pF
(1) Buffer strength configuration for MMC3: LB0 = 1.
Table 6-134. MMC2 and MMC3 Interfaces Timing Requirements
—High-Speed JC64 Mode(1)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
MMC3
tsu(cmdV-clkH)
Setup time, input command mmcx_cmd valid before
5.1
25.5
ns
output clock mmcx_clk rising edge
MMC4
th(clkH-cmdIV)
Hold time, input command mmcx_cmd valid after
1.3
0.9
ns
output clock mmcx_clk rising edge
MMC7
tsu(dV-clkH)
Setup time, input data mmcx_dat[n:0] valid before
5.1
25.5
ns
output clock mmcx_clk rising edge
MMC8
th(clkH-dIV)
Hold time, input data mmcx_dat[n:0] valid after output
1.3
0.9
ns
clock mmcx_clk rising edge
(1) In mmx_dat[n:0], x is equal to 2 or 3 and n is equal to 7.
(2) In mmx_cmd, x is equal to 2 or 3.
(3) In mmx_clk, x is equal to 2 or 3.
Table 6-135. MMC2 and MMC3 Interfaces Switching Characteristics
—High-Speed JC64 Mode(5) (6)(7)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
MMC1
1/tc(clk)
Frequency(1), output mmcx_clk period
48
24
MHz
MMC2
tW(clkH)
Typical pulse duration, output mmcx_clk high
0.5*P(2)
0.5*P(2)
ns
MMC2
tW(clkL)
Typical pulse duration, output mmcx_clk low
0.5*P(2)
0.5*P(2)
ns
tdc(clk)
Duty cycle error, output mmcx_clk
–1042
1042
–2083
2083
ps
tJ(clk)
Jitter standard deviation(3), output mmcx_clk
–65
65
–65
65
ps
tR(clk)
Rising time, output mmcx_clk
2263
2263
ps
tF(clk)
Falling time, output mmcx_clk
2136
2136
ps
262
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com